Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-5
2.5
External Memory Expansion Port (Port A)
When the DSP56362 enters a low-power standby mode (stop or wait), it releases bus mastership and
tri-states the relevant port A signals: A0–A17, D0–D23, AA0/RAS0–AA3/RAS3, RD, WR, BB, CAS.
2.5.1
External Address Bus
2.5.2
External Data Bus
PCAP
Input
Input
PLL Capacitor—PCAP is an input connecting an off-chip capacitor to the PLL
filter. Connect one capacitor terminal to PCAP and the other terminal to VCCP.
If the PLL is not used, PCAP may be tied to VCC, GND, or left floating.
PINIT/NMI
Input
Input
PLL Initial/Non maskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control register,
determining whether the PLL is enabled or disabled. After RESET deassertion
and during normal instruction processing, the PINIT/NMI Schmitt-trigger input
is a negative-edge-triggered non maskable interrupt (NMI) request internally
synchronized to CLKOUT.
PINIT/NMI cannot tolerate 5 V.
Table 2-5 External Address Bus Signals
Signal Name
Type
State during Reset
Signal Description
A0–A17
Output
Tri-Stated
Address Bus—When the DSP is the bus master, A0–A17 are
active-high outputs that specify the address for external program and
data memory accesses. Otherwise, the signals are tri-stated. To
minimize power dissipation, A0–A17 do not change state when
external memory spaces are not being accessed.
Table 2-6 External Data Bus Signals
Signal Name
Type
State during Reset
Signal Description
D0–D23
Input/Output
Tri-Stated
Data Bus—When the DSP is the bus master, D0–D23 are active-high,
bidirectional input/outputs that provide the bidirectional data bus for
external program and data memory accesses. Otherwise, D0–D23 are
tri-stated.
Table 2-4 Clock and PLL Signals (continued)
Signal Name
Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com