Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
Digital Audio Interface (DAX)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-19
2.10
Digital Audio Interface (DAX)
2.11
Timer
Table 2-12 Digital Audio Interface (DAX) Signals
Signal
Name
Type
State During Reset
Signal Description
ACI
PD0
Input
Input, Output, or
Disconnected
Disconnected
Audio Clock Input—This is the DAX clock input. When programmed
to use an external clock, this input supplies the DAX clock. The
external clock frequency must be 256, 384, or 512 times the audio
sampling frequency (256
× Fs, 384 × Fs or 512 × Fs, respectively).
Port D 0—When the DAX is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
ADO
PD1
Output
Input, Output, or
Disconnected
Disconnected
Digital Audio Data Output—This signal is an audio and non-audio
output in the form of AES/EBU, CP340 and IEC958 data in a biphase
mark format.
Port D 1—When the DAX is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 2-13 Timer Signal
Signal
Name
Type
State During Reset
Signal Description
TIO0
Input or Output
Input
Timer 0 Schmitt-Trigger Input/Output—When timer 0 functions as
an external event counter or in measurement mode, TIO0 is used as
input. When timer 0 functions in watchdog, timer, or pulse modulation
mode, TIO0 is used as output.
The default mode after reset is GPIO input. This can be changed to
output or configured as a timer input/output through the timer 0
control/status register (TCSR0). If TIO0 is not being used, it is
recommended to either define it as GPIO output immediately at the
beginning of operation or leave it defined as GPIO input but connected
it to Vcc through a pull-up resistor in order to ensure a stable logic level
at the input.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com