Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-28
Freescale Semiconductor
Figure 3-16 DRAM Out-of-Page Wait States Selection Guide
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
157
Random read or write cycle time
tRC
5
× T
C
250.0
—
166.7
—
ns
158
RAS assertion to data valid (read)
tRAC
2.75
× T
C − 7.5
—
130.0
—
84.2
ns
159
CAS assertion to data valid (read)
tCAC
1.25
× T
C − 7.5
—
55.0
—
34.2
ns
160
Column address valid to data valid (read)
tAA
1.5
× T
C − 7.5
—
67.5
—
42.5
ns
161
CAS deassertion to data not valid (read hold
time)
tOFF
0.0
—
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
163
RAS assertion pulse width
tRAS
3.25
× T
C − 4.0
158.5
—
104.3
—
ns
164
CAS assertion to RAS deassertion
tRSH
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
Chip Frequency
(MHz)
DRAM Type
(tRAC ns)
100
80
70
50
66
80
100
4 Wait States
8 Wait States
11 Wait States
15 Wait States
Note: This figure should be use for primary selection. For exact
and detailed timings see the following tables.
60
40
120
AA0475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com