Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
Serial Host Interface SPI Protocol Timing
DSP56362 Technical Data, Rev. 4
3-54
Freescale Semiconductor
Figure 3-34 SPI Master Timing (CPHA = 0)
159
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
2.5
×T
C+30
55
ns
160
SS deassertion pulse width (CPHA = 0)
Slave
TC+6
16
ns
161
HREQ in assertion to first SCK edge
Master
Bypassed
Narrow
Wide
0.5
× t
SPICC +
2.5
×T
C+43
0.5
×t
SPICC +
2.5
×T
C+43
0.5
×t
SPICC +
2.5
×T
C+43
121
174
209
ns
162
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
0
0
ns
163
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
0
0
ns
Note: Periodically sampled, not 100% tested
Table 3-21 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics
Mode
Filter Mode
Expression
100MHz
Unit
Min
Max
SS
(Input)
MISO
(Input)
Valid
MOSI
(Output)
MSB
Valid
LSB
MSB
LSB
HREQ
(Input)
141
142
143
144
144
141
144
144
143
142
148
149
149
148
152
153
163
161
AA0271
SCK (CPOL=0
(Output)
SCK (CPOL = 1
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com