Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
Ground
DSP56362 Technical Data, Rev. 4
2-4
Freescale Semiconductor
2.3
Ground
2.4
Clock and PLL
Table 2-3 Grounds
Ground Name
Description
GNDP
PLL Ground—GNDP is a ground dedicated for PLL use. The connection should be provided with an
extremely low-impedance path to ground. VCCP should be bypassed to GNDP by a 0.47 µF capacitor
located as close as possible to the chip package. There is one GNDP connection.
GNDP1
PLL Ground 1—GNDP1 is a ground dedicated for PLL use. The connection should be provided with an
extremely low-impedance path to ground. There is one GNDP1 connection.
GNDQ (4)
Quiet Ground—GNDQ is an isolated ground for the internal processing logic. This connection must be
tied externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There are four GNDQ connections.
GNDA (4)
Address Bus Ground—GNDA is an isolated ground for sections of the address bus I/O drivers. This
connection must be tied externally to all other chip ground connections. The user must provide adequate
external decoupling capacitors. There are four GNDA connections.
GNDD (4)
Data Bus Ground—GNDD is an isolated ground for sections of the data bus I/O drivers. This connection
must be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are four GNDD connections.
GNDC (2)
Bus Control Ground—GNDC is an isolated ground for the bus control I/O drivers. This connection must
be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are two GNDC connections.
GNDH
Host Ground—GNDH is an isolated ground for the HDI08 I/O drivers. This connection must be tied
externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There is one GNDH connection.
GNDS (2)
SHI, ESAI, DAX, and Timer Ground—GNDS is an isolated ground for the SHI, ESAI, DAX, and Timer
I/O drivers. This connection must be tied externally to all other chip ground connections. The user must
provide adequate external decoupling capacitors. There are two GNDS connections.
Table 2-4 Clock and PLL Signals
Signal Name
Type
State during Reset
Signal Description
EXTAL
Input
Input
External Clock Input—An external clock source must be connected to EXTAL
in order to supply the clock to the internal clock generator and PLL.
This input cannot tolerate 5V.
CLKOUT
Output
Chip-Driven
Clock Output—CLKOUT provides an output clock synchronized to the internal
core clock phase.
If the PLL is enabled and both the multiplication and division factors equal one,
then CLKOUT is also synchronized to EXTAL.
If the PLL is disabled, the CLKOUT frequency is half the frequency of EXTAL.
CLKOUT is not functional at frequencies of 100 MHz and above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com