Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
Host Interface (HDI08)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-9
2.7
Host Interface (HDI08)
The HDI08 provides a fast, 8-bit, parallel data port that may be connected directly to the host bus. The
HDI08 supports a variety of standard buses and can be directly connected to a number of industry standard
microcomputers, microprocessors, DSPs, and DMA hardware.
2.7.1
Host Port Configuration
Signal functions associated with the HDI08 vary according to the interface operating mode as determined
by the HDI08 port control register (HPCR). See 6.5.6 Host Port Control Register (HPCR) on
page Section 6-13 for detailed descriptions of this register and (See Host Interface (HDI08) on
page Section 6-1.) for descriptions of the other HDI08 configuration registers.
MODD/IRQD
Input
Input
Mode Select D/External Interrupt Request D—MODD/IRQD is an
active-low Schmitt-trigger input, internally synchronized to the DSP clock.
MODD/IRQD selects the initial chip operating mode during hardware reset
and becomes a level-sensitive or negative-edge-triggered, maskable
interrupt request input during normal instruction processing. MODA,
MODB, MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is deasserted. If IRQD is
asserted synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and asserting IRQD to exit the
wait state.
This input is 5 V tolerant.
RESET
Input
Input
Reset—RESET is an active-low, Schmitt-trigger input. When asserted,
the chip is placed in the reset state and the internal phase generator is
reset. The Schmitt-trigger input allows a slowly rising input (such as a
capacitor charging) to reset the chip reliably. If RESET is deasserted
synchronous to CLKOUT, exact start-up timing is guaranteed, allowing
multiple processors to start synchronously and operate together in
“lock-step.” When the RESET signal is deasserted, the initial chip
operating mode is latched from the MODA, MODB, MODC, and MODD
inputs. The RESET signal must be asserted during power up. A stable
EXTAL signal must be supplied while RESET is being asserted.
This input is 5 V tolerant.
Table 2-8 Interrupt and Mode Control (continued)
Signal Name
Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com