Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-17
Figure 3-11 SRAM Read Access
118 TA setup before RD or WR deassertion5
0.25
× T
C + 2.0
4.5
—
4.1
—
ns
119 TA hold after RD or WR deassertion
0
—
0.0
—
ns
1 All timings for 100 MHz are measured from 0.5 Vcc to .05 Vcc
2 WS is the number of wait states specified in the BCR.
3 Timings 100, 107 are guaranteed by design, not tested.
4 Timing 110, 111, and 112, are not specified for 100 MHz.
5 In the case of TA negation: timing 118 is relative to the deassertion edge of RD or WR were TA to remain active.
Table 3-8 SRAM Read and Write Accesses 100 and 120 MHz1 (continued)
No.
Characteristics
Symbol
Expression2
100 MHz
120 MHz
Unit
Min
Max
Min
Max
A0–A17
RD
WR
D0–D23
AA0–AA3
115
105
106
113
104
116
117
100
AA0468
TA
119
Data
In
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com