Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-14
Freescale Semiconductor
3.10
External Memory Expansion Port (Port A)
3.10.1
SRAM Timing
Table 3-8 SRAM Read and Write Accesses 100 and 120 MHz1
No.
Characteristics
Symbol
Expression2
100 MHz
120 MHz
Unit
Min
Max
Min
Max
100 Address valid and AA assertion pulse width3
tRC, tWC
(WS + 1)
× T
C − 4.0
[1
≤ WS ≤ 3]
16.0
—
12.0
—
ns
(WS + 2)
× T
C − 4.0
[4
≤ WS ≤ 7]
56.0
—
46.0
—
ns
(WS + 3)
× T
C − 4.0
[WS
≥ 8]
106.0
—
87.0
—
ns
101 Address and AA valid to WR assertion
tAS
100 MHz:
0.25
× T
C − 2.0
[WS = 1]
0.5
—
0.1
—
ns
1.25
× T
C − 2.0
[WS
≥ 4]
10.5
—
8.4
—
ns
102 WR assertion pulse width
tWP
100 MHz:
1.5
× T
C − 4.0
[WS = 1]
11.0
—
8.5
—
ns
All frequencies:
WS
× T
C − 4.0
[2
≤ WS ≤ 3]
16.0
—
12.7
—
ns
(WS
− 0.5) × T
C − 4.0
[WS
≥ 4]
31.0
---
25.2
—
103 WR deassertion to address not valid
tWR
100 MHz:
0.25
× T
C − 2.0
[1
≤ WS ≤ 3]
0.5
—
0.1
—
ns
1.25
× T
C − 2.0
[4
≤ WS ≤ 7]
10.5
—
8.4
—
2.25
× T
C − 2.0
[WS
≥ 8]
20.5
—
16.7
—
All frequencies:
1.25
× T
C − 4.0
[4
≤ WS ≤ 7]
8.5
—
6.4
—
2.25
× T
C − 4.0
[WS
≥ 8]
18.5
—
14.7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com