Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
Timer Timing
DSP56362 Technical Data, Rev. 4
3-68
Freescale Semiconductor
3.16
Timer Timing
Figure 3-45 TIO Timer Event Input Restrictions
Figure 3-46 Timer Interrupt Generation
Table 3-26 Timer Timing1
1 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +100°C, CL = 50 pF
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
480
TIO Low
2
× T
C + 2.0
22.0
—
ns
481
TIO High
2
× T
C + 2.0
22.0
—
ns
482
Timer setup time from TIO (Input) assertion to CLKOUT rising edge
9.0
10.0
ns
483
Synchronous timer delay time from CLKOUT rising edge to the
external memory access address out valid caused by first interrupt
instruction execution
10.25
× T
C + 1.0
103.5
—
ns
484
CLKOUT rising edge to TIO (Output) assertion
• Minimum
•Maximum
0.5
× T
C + 3.5
0.5
× T
C + 19.8
8.5
—
—
24.8
ns
485
CLKOUT rising edge to TIO (Output) deassertion
• Minimum
•Maximum
0.5
× T
C + 3.5
0.5
× T
C + 19.0
8.5
—
—
24.8
ns
TIO
481
480
AA0492
CLKOUT
TIO (Input)
First Interrupt Instruction Execution
Address
482
483
AA0493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com