Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
EXTERNAL CLOCK OPERATION
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-5
3.7
EXTERNAL CLOCK OPERATION
The DSP56362 system clock is an externally supplied square wave voltage source connected to EXTAL
(Figure 3-1)
Figure 3-1 External Clock Timing
Table 3-5 Clock Operation 100 and 120 MHz Values
No.
Characteristics
Symbol
100 MHz
120 MHz
Min
Max
Min
Max
1
Frequency of EXTAL (EXTAL Pin Frequency)
The rise and fall time of this external clock should be 3 ns
maximum.
Ef
0
100.0
0
120.0
2
EXTAL input high1, 2
• With PLL disabled (46.7%–53.3% duty cycle)3
• With PLL enabled (42.5%–57.5% duty cycle)3
ETH
4.67 ns
4.25 ns
∞
157.0
µs
0.00 ns
0.00 ns
∞
157.0
µs
3
EXTAL input low1, 2
• With PLL disabled (46.7%–53.3% duty cycle)3
• With PLL enabled (42.5%–57.5% duty cycle)3
ETL
4.67 ns
4.25 ns
∞
157.0
µs
4.67 ns
4.25 ns
—
1570.00
4
EXTAL cycle time2
• With PLL disabled
• With PLL enabled
ETC
10.00 ns
10.00 ns
∞
273.1
µs
8.33 ns
8.33 ns
—
273.1
µs
5
CLKOUT change from EXTAL fall with PLL disabled
4.3 ns
11.0 ns
EXTAL
VILC
VIHC
Midpoint
Note: The midpoint is 0.5 (VIHC + VILC).
ETH
ETL
ETC
CLKOUT With
PLL Disabled
CLKOUT With
PLL Enabled
7
5
7
6b
5
3
4
2
AA0459
6a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com