Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-44
Freescale Semiconductor
Figure 3-24 Bus Release Timings Case 2 (BRT Bit in OMR Set)
Table 3-19 Asynchronous Bus Arbitration timing
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
250
BB assertion window from BG input negation.
2 .5* Tc + 5
—
20
ns
251
Delay from BB assertion to BG assertion
2 * Tc + 5
20
—
ns
Notes:
1. Bit 13 in the OMR register must be set to enter Asynchronous Arbitration mode
2. At 100 MHz it is recommended to use Asynchronous Arbitration mode.
3. If Asynchronous Arbitration mode is active, none of the timings in
Table 3-19 is required.
4. In order to guarantee timings 250, and 251, it is recommended to assert BG inputs to different 56300 devices (on the
same bus) in a non overlap manner as shown in
Figure 3-25.
A0–A17
BB
AA0–AA3
CLKOUT
BR
BG
RD, WR
223
218
219
214
212
213
221
224
AA0483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com