Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Internal Clocks
DSP56362 Technical Data, Rev. 4
3-4
Freescale Semiconductor
3.6
Internal Clocks
Table 3-4 Internal Clocks, CLKOUT
Characteristics
Symbol
Expression1
, 2
1 DF = Division Factor
Ef = External frequency
ETC = External clock cycle
MF = Multiplication Factor
PDF = Predivision Factor
TC = internal clock cycle
2 See the PLL and Clock Generation section in the DSP56300 Family Manual for a detailed discussion of the PLL.
Min
Typ
Max
Internal operation frequency and CLKOUT
with PLL enabled
f—
(Ef
× MF)/(PDF × DF)
Internal operation frequency and CLKOUT
with PLL disabled
f—
Ef/2
Internal clock and CLKOUT high period
• With PLL disabled
With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TH
0.49
× ET
C × PDF ×
DF/MF
0.47
× ET
C × PDF ×
DF/MF
ETC
0.51
× ET
C × PDF ×
DF/MF
0.53
× ET
C × PDF ×
DF/MF
Internal clock and CLKOUT low period
• With PLL disabled
With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TL
0.49
× ET
C × PDF ×
DF/MF
0.47
× ET
C × PDF ×
DF/MF
ETC
0.51
× ET
C × PDF ×
DF/MF
0.53
× ET
C × PDF ×
DF/MF
Internal clock and CLKOUT cycle time with
PLL enabled
TC
—ETC × PDF × DF/MF
Internal clock and CLKOUT cycle time with
PLL disabled
TC
—2
× ET
C
Instruction cycle time
ICYC
—TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com