Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
Host Interface (HDI08)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-13
HOREQ/HORE
HTRQ/HTRQ
PB14
Output
Output
Input, Output, or
Disconnected
GPIO Disconnected Host Request—When HDI08 is programmed to interface a
single host request host bus and the HI function is selected, this
signal is the host request (HOREQ) output. The polarity of the
host request is programmable, but is configured as active-low
(HOREQ) following reset. The host request may be programmed
as a driven or open-drain output.
Transmit Host Request—When HDI08 is programmed to
interface a double host request host bus and the HI function is
selected, this signal is the transmit host request (HTRQ) output.
The polarity of the host request is programmable, but is
configured as active-low (HTRQ) following reset. The host
request may be programmed as a driven or open-drain output.
Port B 14—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HACK/HACK
HRRQ/HRRQ
PB15
Input
Output
Input, Output, or
Disconnected
GPIO Disconnected Host Acknowledge—When HDI08 is programmed to interface
a single host request host bus and the HI function is selected,
this signal is the host acknowledge (HACK) Schmitt-trigger input.
The polarity of the host acknowledge is programmable, but is
configured as active-low (HACK) after reset.
Receive Host Request—When HDI08 is programmed to
interface a double host request host bus and the HI function is
selected, this signal is the receive host request (HRRQ) output.
The polarity of the host request is programmable, but is
configured as active-low (HRRQ) after reset. The host request
may be programmed as a driven or open-drain output.
Port B 15—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
Table 2-9 Host Interface (continued)
Signal Name
Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com