Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-20
Freescale Semiconductor
137 CAS assertion pulse width
tCAS
0.75
× T
C − 4.0
33.5
21.0
ns
138 Last CAS deassertion to RAS deassertion5
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
1.75
× T
C − 6.0
3.25
× T
C − 6.0
4.25
× T
C − 6.0
6.25
× T
C – 6.0
81.5
156.5
206.5
306.5
52.3
102.2
135.5
202.1
ns
139 CAS deassertion pulse width
tCP
0.5
× T
C − 4.0
21.0
12.7
ns
140 Column address valid to CAS assertion
tASC
0.5
× T
C − 4.0
21.0
12.7
ns
141 CAS assertion to column address not valid
tCAH
0.75
× T
C − 4.0
33.5
21.0
ns
142 Last column address valid to RAS deassertion
tRAL
2
× T
C − 4.0
96.0
62.7
ns
143 WR deassertion to CAS assertion
tRCS
0.75
× T
C − 3.8
33.7
21.2
ns
144 CAS deassertion to WR assertion
tRCH
0.25
× T
C − 3.7
8.8
4.6
ns
145 CAS assertion to WR deassertion
tWCH
0.5
× T
C − 4.2
20.8
12.5
ns
146 WR assertion pulse widt
h
tWP
1.5
× T
C − 4.5
70.5
45.5
ns
147 Last WR assertion to RAS deassertion
tRWL
1.75
× T
C − 4.3
83.2
54.0
ns
148 WR assertion to CAS deassertion
tCWL
1.75
× T
C − 4.3
83.2
54.0
ns
149 Data valid to CAS assertion (Write)
tDS
0.25
× T
C − 4.0
8.5
4.3
ns
150 CAS assertion to data not valid (write)
tDH
0.75
× T
C − 4.0
33.5
21.0
ns
151 WR assertion to CAS assertion
tWCS
TC − 4.3
45.7
29.0
ns
152 Last RD assertion to RAS deassertion
tROH
1.5
× T
C − 4.0
71.0
46.0
ns
153 RD assertion to data valid
tGA
TC − 7.5
42.5
25.8
ns
154 RD deassertion to data not valid 6
tGZ
0.0
0.0
ns
155 WR assertion to data active
0.75
× T
C − 0.3
37.2
24.7
ns
156 WR deassertion to data high impedance
0.25
× T
C
12.5
8.3
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 2 × TC for
read-after-read or write-after-write sequences).
4 Reduced DSP clock speed allows use of Page Mode DRAM with one Wait state. See
Figure 3-13.
5 BRW[1:0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access.
6 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-9 DRAM Page Mode Timings, One Wait State (Low-Power Applications)1, 2, 3 (continued)
No.
Characteristics
Symbol
Expression
20 MHz4
30 MHz
4
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com