Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
Host Interface (HDI08)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-11
HA2
HA9
PB10
Input
Input
Input, Output, or
Disconnected
GPIO Disconnected Host Address Input 2—When the HDI08 is programmed to
interface a non-multiplexed host bus and the HI function is
selected, this signal is line 2 of the host address (HA2) input bus.
Host Address 9—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, this signal
is line 9 of the host address (HA9) input bus.
Port B 10—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HRW
HRD/HRD
PB11
Input
Input
Input, Output, or
Disconnected
GPIO Disconnected Host Read/Write—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this
signal is the Host Read/Write (HRW) input.
Host Read Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this
signal is the host read data strobe (HRD) Schmitt-trigger input.
The polarity of the data strobe is programmable, but is configured
as active-low (HRD) after reset.
Port B 11—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HDS/HDS
HWR/HWR
PB12
Input
Input
Input, Output, or
Disconnected
GPIO Disconnected Host Data Strobe—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this
signal is the host data strobe (HDS) Schmitt-trigger input. The
polarity of the data strobe is programmable, but is configured as
active-low (HDS) following reset.
Host Write Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this
signal is the host write data strobe (HWR) Schmitt-trigger input.
The polarity of the data strobe is programmable, but is configured
as active-low (HWR) following reset.
Port B 12—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
Table 2-9 Host Interface (continued)
Signal Name
Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com