Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
Interrupt and Mode Control
DSP56362 Technical Data, Rev. 4
2-8
Freescale Semiconductor
2.6
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset.
After RESET is deasserted, these inputs are hardware interrupt request lines.
Table 2-8 Interrupt and Mode Control
Signal Name
Type
State during Reset
Signal Description
MODA/IRQA
Input
Input
Mode Select A/External Interrupt Request A—MODA/IRQA is an
active-low Schmitt-trigger input, internally synchronized to the DSP clock.
MODA/IRQA selects the initial chip operating mode during hardware reset
and becomes a level-sensitive or negative-edge-triggered, maskable
interrupt request input during normal instruction processing. MODA,
MODB, MODC, and MODD select one of 16 initial chip operating modes,
latched into the OMR when the RESET signal is deasserted. If IRQA is
asserted synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and asserting IRQA to exit the
wait state. If the processor is in the stop standby state and the
MODA/IRQA pin is pulled to GND, the processor will exit the stop state.
This input is 5 V tolerant.
MODB/IRQB
Input
Input
Mode Select B/External Interrupt Request B—MODB/IRQB is an
active-low Schmitt-trigger input, internally synchronized to the DSP clock.
MODB/IRQB selects the initial chip operating mode during hardware reset
and becomes a level-sensitive or negative-edge-triggered, maskable
interrupt request input during normal instruction processing. MODA,
MODB, MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is deasserted. If IRQB is
asserted synchronous to CLKOUT, multiple processors can be
re-synchronized using the WAIT instruction and asserting IRQB to exit the
wait state.
This input is 5 V tolerant.
MODC/IRQC
Input
Input
Mode Select C/External Interrupt Request C—MODC/IRQC is an
active-low Schmitt-trigger input, internally synchronized to the DSP clock.
MODC/IRQC selects the initial chip operating mode during hardware reset
and becomes a level-sensitive or negative-edge-triggered, maskable
interrupt request input during normal instruction processing. MODA,
MODB, MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is deasserted. If IRQC is
asserted synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and asserting IRQC to exit the
wait state.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com