Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
AC Electrical Characteristics
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-3
3.5
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum
of 0.3 V and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using the input levels
shown in Note 6 of the previous table. AC timing specifications, which are referenced to a device input
signal, are measured in production with respect to the 50% point of the respective input signal's transition.
DSP56362 output levels are measured with the production test machine VOL and VOH reference levels set
at 0.4 V and 2.4 V, respectively.
NOTE
Although the minimum value for the frequency of EXTAL is 0 MHz, the
device AC test conditions are 15 MHz and rated speed.
Input leakage current
IIN
–10
10
µA
High impedance (off-state) input current (@ 2.4 V / 0.4 V)
ITSI
–10
10
µA
Output high voltage
•TTL (IOH = –0.4 µA)
4, 5
• CMOS (IOH = –10 µA)
4
VOH
2.4
VCC – 0.01
——
V
Output low voltage
•TTL (IOL = 3.0 µA, open-drain pins IOL = 6.7 µA)
4, 5
• CMOS (IOL = 10 µA)
4
VOL
——
0.4
0.01
V
Internal supply current6 (Operating frequency 100MHz
for current measurements)
• In Normal mode
• In Wait mode
• In Stop mode7
ICCI
ICCW
ICCS
127
7. 5
100
181
11
150
µA
PLL supply current
1
2.5
µA
Input capacitance4
CIN
10
pF
1 V
CC = 3.3 V ± 5% V; TJ = 0°C to +100°C, CL = 50 pF
2 Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins.
3 Driving EXTAL to the low V
IHX or the high VILX value may cause additional power consumption (DC current). To
minimize power consumption, the minimum VIHX should be no lower than 0.9 VCC and the maximum VILX should be no higher
than 0.1 VCC.
4 Periodically sampled and not 100% tested.
5 This characteristic does not apply to PCAP.
6
Section 5.3, "Power Consumption Considerations" provides a formula to compute the estimated current
requirements in Normal mode. In order to obtain these results, all inputs must be terminated (i.e., not allowed to float).
Measurements are based on synthetic intensive DSP benchmarks. The power consumption numbers in this specification are
90% of the measured results of this benchmark. This reflects typical DSP applications. Typical internal supply current is
measured with VCC = 3.3 V at TJ = 100°C. Maximum internal supply current is measured with VCC = 3.46 V at TJ = 100°C.
7 In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not allowed to
float).
Table 3-3 DC Electrical Characteristics1 (continued)
Characteristics
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com