Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
JTAG Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-71
Figure 3-49 Test Clock Input Timing Diagram
508
TMS, TDI data setup time
5.0
ns
509
TMS, TDI data hold time
25.0
ns
510
TCK low to TDO data valid
0.0
44.0
ns
511
TCK low to TDO high impedance
0.0
44.0
ns
512
TRST assert time
100.0
ns
513
TRST setup time to TCK low
40.0
ns
1 V
CC = 3.3 V ± 0.16V; TJ = 0°C to +100°C, CL = 50 pF
2 All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 3-28
JTAG Timing1, 2 (continued)
No.
Characteristics
All Frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503
AA0496



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com