Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
JTAG/OnCE Interface
DSP56362 Technical Data, Rev. 4
2-20
Freescale Semiconductor
2.12
JTAG/OnCE Interface
Table 2-14 JTAG/OnCE™ Interface
Signal
Name
Type
State During Reset
Signal Description
TCK
Input
Input
Test Clock—TCK is a test clock input signal used to synchronize the JTAG
test logic. It has an internal pull-up resistor.
This input is 5 V tolerant.
TDI
Input
Input
Test Data Input—TDI is a test data serial input signal used for test
instructions and data. TDI is sampled on the rising edge of TCK and has an
internal pull-up resistor.
This input is 5 V tolerant.
TDO
Output
Tri-Stated
Test Data Output—TDO is a test data serial output signal used for test
instructions and data. TDO can be tri-stated and is actively driven in the
shift-IR and shift-DR controller states. TDO changes on the falling edge of
TCK.
TMS
Input
Input
Test Mode Select—TMS is an input signal used to sequence the test
controller’s state machine. TMS is sampled on the rising edge of TCK and
has an internal pull-up resistor.
This input is 5 V tolerant.
TRST
Input
Input
Test Reset—TRST is an active-low Schmitt-trigger input signal used to
asynchronously initialize the test controller. TRST has an internal pull-up
resistor.
The use of TRST is not recommended for new designs. It is recommended
to leave TRST disconnected.
This input is 5 V tolerant.
DE
Input/Output
Input
Debug Event—DE is an open-drain, bidirectional, active-low signal
providing, as an input, a means of entering the debug mode of operation
from an external command controller, and, as an output, a means of
acknowledging that the chip has entered the debug mode. This signal, when
asserted as an input, causes the DSP56300 core to finish the current
instruction being executed, save the instruction pipeline information, enter
the debug mode, and wait for commands to be entered from the debug serial
input line. This signal is asserted as an output for three clock cycles when
the chip enters the debug mode as a result of a debug request or as a result
of meeting a breakpoint condition. The DE has an internal pull-up resistor.
This is not a standard part of the JTAG TAP controller. The signal connects
directly to the OnCE module to initiate debug mode directly or to provide a
direct external indication that the chip has entered the debug mode. All other
interface with the OnCE module must occur through the JTAG port.
The use of DE is not recommended for new designs. It is recommended to
leave DE disconnected.
This input is not 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com