Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-22
Freescale Semiconductor
153
RD assertion to data valid
tGA
1.75
× T
C − 6.5
—
15.4
ns
154
RD deassertion to data not valid7
tGZ
0.0
—
ns
155
WR assertion to data active
0.75
× T
C − 0.3
9.1
—
ns
156
WR deassertion to data high impedance
0.25
× T
C
—3.1
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 The asynchronous delays specified in the expressions are valid for DSP56362.
4 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 3 × TC for
read-after-read or write-after-write sequences).
5 There are not any fast enough DRAMs to fit to two wait states Page mode @ 100MHz. See
Figure 3-13.
6 BRW[1:0] (DRAM Control Register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access.
7 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-11
DRAM Page Mode Timings, Three Wait States1, 2, 3, 4
No.
Characteristics
Symbol
Expression
100 MHz
Unit
Min
Max
131 Page mode cycle time for two consecutive accesses of the
same direction
Page mode cycle time for mixed (read and write) accesses.
tPC
4
× T
C
3.5 x Tc
40.0
35.0
—
—
ns
132 CAS assertion to data valid (read)
tCAC
100 MHz:
2
× T
C − 7.0
—
13.0
ns
133 Column address valid to data valid (read)
tAA
100 MHz:
3
× T
C − 7.0
—
23.0
ns
134 CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
135 Last CAS assertion to RAS deassertion
tRSH
2.5
× T
C − 4.0
21.0
—
ns
136 Previous CAS deassertion to RAS deassertion
tRHCP
4.5
× T
C − 4.0
41.0
—
ns
137 CAS assertion pulse width
tCAS
2
× T
C − 4.0
16.0
—
ns
138 Last CAS deassertion to RAS assertion5
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
2.25
× T
C − 6.0
3.75
× T
C − 6.0
4.75
× T
C − 6.0
6.75
× T
C − 6.0
—
—
41.5
61.5
—
—
—
—
ns
Table 3-10
DRAM Page Mode Timings, Two Wait States1, 2, 3, 4 (continued)
No.
Characteristics
Symbol
Expression
80 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com