Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-38
Freescale Semiconductor
Figure 3-19 DRAM Refresh Access
3.10.3
Synchronous Timings (SRAM)
Table 3-17 External Bus Synchronous Timings (SRAM Access)1
No.
Characteristics
Expression2
, 3
100 MHz
Unit
Min
Max
198
CLKOUT high to address, and AA valid4
0.25
× T
C + 4.0
—
6.5
ns
199
CLKOUT high to address, and AA invalid4
0.25
× T
C
2.5
—
ns
200
TA valid to CLKOUT high (setup time)
4.0
—
ns
201
CLKOUT high to TA invalid (hold time)
0.0
—
ns
202
CLKOUT high to data out active
0.25
× T
C
2.5
—
ns
203
CLKOUT high to data out valid
0.25
× T
C + 4.0
3.3
6.5
ns
204
CLKOUT high to data out invalid
0.25
× T
C
2.5
—
ns
205
CLKOUT high to data out high impedance
0.25
× T
C
—2.5
ns
206
Data in valid to CLKOUT high (setup)
4.0
—
ns
207
CLKOUT high to data in invalid (hold)
0.0
—
ns
208
CLKOUT high to RD assertion
0.75
× T
C + 4.0
8.2
11.5
ns
RAS
CAS
WR
157
163
162
162
190
170
165
189
177
AA0478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com