Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
Digital Audio Transmitter Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-67
Figure 3-43 ESAI HCKR Timing
3.15
Digital Audio Transmitter Timing
Figure 3-44 Digital Audio Transmitter Timing
Table 3-25 Digital Audio Transmitter Timing
No.
Characteristic
Expression
100 MHz
Unit
Min
Max
ACI frequency1
1 In order to assure proper operation of the DAX, the ACI frequency should be less than 1/2 of the DSP56362 internal
clock frequency. For example, if the DSP56362 is running at 100 MHz internally, the ACI frequency should be less than
50 MHz.
——
50
MHz
220
ACI period
2
× T
C
20
ns
221
ACI high duration
0.5
× T
C
5—
ns
222
ACI low duration
0.5
× T
C
5—
ns
223
ACI rising edge to ADO valid
1.5
× T
C
—15
ns
HCKR
SCKR (output)
465
463
ACI
ADO
220
223
AA1280
221
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com