Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-24
Freescale Semiconductor
Table 3-12
DRAM Page Mode Timings, Four Wait States 100 and 120MHz1, 2, 3, 4
No.
Characteristics
Symbol
Expression
100 MHz
120 MHz
Unit
Min
Max
Min
Max
131
Page mode cycle time for two consecutive accesses
of the same direction
Page mode cycle time for mixed (read and write)
accesses.
tPC
5
× T
C
4.5
× TC
50.0
45.0
—
—
41.7
37.5
ns
132
CAS assertion to data valid (read)
tCAC
100 MHz:
2.75
× T
C − 7.0
—
20.5
—
15.9
ns
133
Column address valid to data valid (read)
tAA
100 MHz:
3.75
× T
C − 7.0
—
30.5
—
24.2
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
3.5
× T
C − 4.0
31.0
—
25.2
—
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
6
× T
C − 4.0
56.0
—
46.0
—
ns
137
CAS assertion pulse width
tCAS
2.5
× T
C − 4.0
21.0
—
16.8
—
ns
138
Last CAS deassertion to RAS assertion5
BRW[1:0] = 00
BRW[1:0] = 01
BRW[1:0] = 10
BRW[1:0] = 11
tCRP
2.75
× T
C − 6.0
4.25
× T
C − 6.0
5.25
× T
C − 6.0
7.25
× T
C − 6.0
—
—
46.5
66.5
—
—
—
—
—
—
37.7
54.4
—
—
—
—
ns
139
CAS deassertion pulse width
tCP
2
× T
C − 4.0
16.0
—
12.7
—
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
6.0
—
4.3
—
ns
141
CAS assertion to column address not valid
tCAH
3.5
× T
C − 4.0
31.0
—
25.2
—
ns
142
Last column address valid to RAS deassertion
tRAL
5
× T
C − 4.0
46.0
—
37.7
—
ns
143
WR deassertion to CAS assertion
tRCS
100 MHz:
1.25
× T
C − 4.0
8.5
—
6.4
—
ns
144
CAS deassertion to WR assertion
tRCH
100 MHz:
1.25
× T
C − 4.0
8.5
—
6.4
—
ns
145
CAS assertion to WR deassertion
tWCH
3.25
× T
C − 4.2
28.3
—
22.9
—
ns
146
WR assertion pulse width
tWP
4.5
× T
C − 4.5
40.5
—
33.0
—
ns
147
Last WR assertion to RAS deassertion
tRWL
4.75
× T
C − 4.3
43.2
—
35.3
—
ns
148
WR assertion to CAS deassertion
tCWL
3.75
× T
C − 4.3
33.2
—
26.9
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com