Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
LQFP Package Description
DSP56362 Technical Data, Rev. 4
4-4
Freescale Semiconductor
76
A2
99
A17
122
D16
77
A3
100
D0
123
D17
78
A4
101
D1
124
D18
79
A5
102
D2
125
D19
80
VCCA
103
VCCD
126
VCCQL
81
GNDA
104
GNDD
127
GNDQ
82
A6
105
D3
128
D20
83
A7
106
D4
129
VCCD
84
A8
107
D5
130
GNDD
85
A9
108
D6
131
D21
86
VCCA
109
D7
132
D22
87
GNDA
110
D8
133
D23
88
A10
111
VCCD
134
MODD/IRQD
89
A11
112
GNDD
135
MODC/IRQC
90
GNDQ
113
D9
136
MODB/IRQB
91
VCCQL
114
D10
137
MODA/IRQA
92
A12
115
D11
138
TRST
93
A13
116
D12
139
TDO
94
A14
117
D13
140
TDI
95
VCCQH
118
D14
141
TCK
96
GNDA
119
VCCD
142
TMS
97
A15
120
GNDD
143
MOSI/HA0
98
A16
121
D15
144
MISO/SDA
1 Signal names are based on configured functionality. Most pins supply a single signal. Some pins provide a signal with dual
functionality, such as the MODx/IRQx pins that select an operating mode after RESET is deasserted, but act as interrupt
lines during operation. Some signals have configurable polarity; these names are shown with and without overbars, such as
HAS/HAS. Some pins have two or more configurable functions; names assigned to these pins indicate the function for a
specific configuration. For example, pin 34 is data line H7 in nonmultiplexed bus mode, data/address line HAD7 in multiplexed
bus mode, or GPIO line PB7 when the GPIO function is enabled for this pin.
Table 4-1 DSP56362 LQFP Signal Identification by Pin Number (continued)
Pin No.
Signal Name1
Pin No.
Signal Name1
Pin No.
Signal Name1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com