Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
Host Port Considerations
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
5-5
5.4.3
Frequency Jitter Performance
The frequency jitter of the PLL is defined as the variation of the frequency of CLKOUT. For small MF
(MF < 10) this jitter is smaller than 0.5%. For mid-range MF (10 < MF < 500) this jitter is between 0.5%
and approximately 2%. For large MF (MF > 500), the frequency jitter is 2–3%.
5.4.4
Input (EXTAL) Jitter Requirements
The allowed jitter on the frequency of EXTAL is 0.5%. If the rate of change of the frequency of EXTAL
is slow (i.e., it does not jump between the minimum and maximum values in one cycle) or the frequency
of the jitter is fast (i.e., it does not stay at an extreme value for a long time), then the allowed jitter can be
2%. The phase and frequency jitter performance results are only valid if the input jitter is less than the
prescribed values.
5.5
Host Port Considerations
Careful synchronization is required when reading multi-bit registers that are written by another
asynchronous system. This synchronization is a common problem when two asynchronous systems are
connected, as they are in the host interface. The following paragraphs present considerations for proper
operation.
5.5.1
Host Programming Considerations
Unsynchronized Reading of Receive Byte Registers
—When reading the receive byte registers,
receive register high (RXH), receive register middle (RXM), or receive register low (RXL), the
host interface programmer should use interrupts or poll the receive register data full (RXDF) flag
that indicates whether data is available. This ensures that the data in the receive byte registers will
be valid.
Overwriting Transmit Byte Registers
—The host interface programmer should not write to the
transmit byte registers, transmit register high (TXH), transmit register middle (TXM), or transmit
register low (TXL), unless the transmit register data empty (TXDE) bit is set, indicating that the
transmit byte registers are empty. This ensures that the transmit byte registers will transfer valid
data to the host receive (HRX) register.
Synchronization of Status Bits from DSP to Host
—HC, HOREQ, DMA, HF3, HF2, TRDY,
TXDE, and RXDF status bits are set or cleared from inside the DSP and read by the host processor
(refer to the user’s manual for descriptions of these status bits). The host can read these status bits
very quickly without regard to the clock rate used by the DSP, but the state of the bit could be
changing during the read operation. This is not generally a system problem, because the bit will be read
correctly in the next pass of any host polling routine.
However, if the host asserts HEN for more than timing number 31, with
a minimum cycle time of timing number 31 + 32, then these status bits are guaranteed to be
stable. Exercise care when reading status bits HF3 and HF2 as an encoded pair. If the DSP
changes HF3 and HF2 from 00 to 11, there is a small probability that the host could read the bits
during the transition and receive 01 or 10 instead of 11. If the combination of HF3 and HF2 has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com