Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 152Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 149 / 152 page
background image
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
Index-3
O
off-chip memory 3
OnCE
module timing 73
OnCE module 3, 20
Debug request 73
on-chip DRAM controller 4
On-Chip Emulation module 3
on-chip memory 3
operating mode select timing 12
P
package
144-pin TQFP 1
TQFP description 1, 3
Phase Lock Loop 6
PLL 6
Characteristics 6
performance issues 4
PLL design considerations 4, 5
PLL performance issues 5
Port A 2
Port B 2, 10, 11, 12, 13
Port C 2, 16
Port D 2, 16
power consumption design considerations 3
power management 5
program memory expansion 4
program RAM 3
R
recovery from Stop state using IRQA 12, 13
RESET 9
Reset timing 7, 10
synchronous 10
ROM, bootstrap 3
S
Serial Host Interface 4, 14
SHI 4, 2, 14
signal groupings 1
signals 1
functional grouping 2
SRAM 40
Access 38
read access 17
read and write accesses 14
support 4
write access 17, 18
Stop mode 5
Stop state
recovery from 12, 13
Stop timing 7
supply voltage 1
Switch mode 3
Synchronization 5
synchronous bus timings
SRAM
2 wait states 41
SRAM 1 wait state (BCR controlled) 40
synchronous interrupt from Wait state timing 12
synchronous Reset timing 10
T
TAP 3
target applications 5
Test Access Port 3
Test Access Port timing diagram 72
Test Clock (TCLK) input timing diagram 71
thermal characteristics 2
thermal design considerations 1
Timer 4, 2, 19
event input restrictions 68
interrupt generation 68
timing 68
Timing
Digital Audio Transmitter (DAX) 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com