Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 110 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 106Page - STMicroelectronics L99PM72PXP Datasheet HTML 107Page - STMicroelectronics L99PM72PXP Datasheet HTML 108Page - STMicroelectronics L99PM72PXP Datasheet HTML 109Page - STMicroelectronics L99PM72PXP Datasheet HTML 110Page - STMicroelectronics L99PM72PXP Datasheet HTML 111Page - STMicroelectronics L99PM72PXP Datasheet HTML 112Page - STMicroelectronics L99PM72PXP Datasheet HTML 113Page - STMicroelectronics L99PM72PXP Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
ST SPI
L99PM72PXP
110/128
Doc ID 023553 Rev 3
6.2.17
Control Register 15
Table 119.
Control register 15: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
1
1
1
1
Data, 8bit
Data, 8 bit
Table 120.
Control register 15, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
0000
00000
000
Function
Reserved
Group
Selective Wakeup Settings
Table 121.
Control register 15, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
13
Reserved
12
ID_MSK_10
Masking Bits for Standard CAN Identifier
11
ID_MSK_9
1
Standard CAN Identifier Bit is ignored for matching
10
ID_MSK_8
0
Standard CAN Identifier Bit is matched
9
ID_MSK_7
8
ID_MSK_6
7
ID_MSK_5
6
ID_MSK_4
5
ID_MSK_3
4
ID_MSK_2
3
ID_MSK_1
2
ID_MSK_0
1
EXT_ID_MSK_17
Masking Bits for Extended CAN Identifier
0
EXT_ID_MSK_16
1
Extended CAN Identifier Bit is ignored for matching
0
Extended CAN Identifier Bit is matched
To run matching on Extended CAN Identifier also CAN_IDE (Control
Register 9 must be set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com