Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 113 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 109Page - STMicroelectronics L99PM72PXP Datasheet HTML 110Page - STMicroelectronics L99PM72PXP Datasheet HTML 111Page - STMicroelectronics L99PM72PXP Datasheet HTML 112Page - STMicroelectronics L99PM72PXP Datasheet HTML 113Page - STMicroelectronics L99PM72PXP Datasheet HTML 114Page - STMicroelectronics L99PM72PXP Datasheet HTML 115Page - STMicroelectronics L99PM72PXP Datasheet HTML 116Page - STMicroelectronics L99PM72PXP Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
113/128
6.2.19
Control Register 34
Table 125.
Control register 34: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
1
0
0
0
1
0
Data, 8 bit
Data, 8 bit
Table 126.
Control register 34, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
0000
00000
001
Function
Reserved
Group
Selective Wakeup Settings
Table 127.
Control register 34, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
13
Reserved
12
Reserved
11
Reserved
10
Reserved
9Reserved
8Reserved
7Reserved
6Reserved
5Reserved
4Reserved
3Reserved
2Reserved
1Reserved
0
WD_EN
Watchdog enabled bit
0
Watchdog disabled
1
Watchdog enabled
Writing to this bit is only possible during CAN Flash Mode (VTxDL >VFlash).
See Section 2.2.2: Flash Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com