Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 116 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 112Page - STMicroelectronics L99PM72PXP Datasheet HTML 113Page - STMicroelectronics L99PM72PXP Datasheet HTML 114Page - STMicroelectronics L99PM72PXP Datasheet HTML 115Page - STMicroelectronics L99PM72PXP Datasheet HTML 116Page - STMicroelectronics L99PM72PXP Datasheet HTML 117Page - STMicroelectronics L99PM72PXP Datasheet HTML 118Page - STMicroelectronics L99PM72PXP Datasheet HTML 119Page - STMicroelectronics L99PM72PXP Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
ST SPI
L99PM72PXP
116/128
Doc ID 023553 Rev 3
6.2.22
Global status register
The Global Error Flag is set once the watchdog failure counter (SR3<7:4>) is unequal to 0
(see also Section 2.5: Fail Safe Mode).
Table 132.
Global status register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
value
Active high/low
High
High
Low
High
High
High
High
High
Default value in Normal Mode - after
correct WD trigger or after Read & Clear
on Error Flags
001
000
00
20
Power ON
100
000
00
80
Power ON weak battery (7)
100
000
10
82
Communication error
1
1
0
0
0
0
0
0
C0
VS overvoltage or undervoltage
1
0
1
0
0
0
1
0
A2
WD failure
101
000
01
A1
SPI Error (DI Stuck)
101
000
01
A1
TSD1
101
010
00
A8
TSD2
101
110
01
B9
V1 Fail
101
001
00
A4
Other Device Failure(8)
101
000
00
A0
1.
The following Status Bits are reported in the Global Error Flag:
Global Status Register: Bits 6-0
Status Register 1: Bits 10-0
Status Register 3: Bits 15, 11, 7-2
2.
Communication Error: invalid number of CLOCK cycles during CSN low or failed parity check on standby command.
3.
Cleared with CLR command on SR3.
4.
Cleared with “READ and CLEAR” on SR3 (-> TSD1)
5.
Diagnosis bit only, VS Fail is not a Fail-Safe event; cleared by Read&Clear. Bit is automatically cleared at (VS >VSUV) and
(VS < VSOV) if Vlock_out_en = 0
6.
Cleared with a valid WD trigger (WD fail) or by clearing the corresponding status register related to failure
7.
Slow VS ramp-up (VS undervoltage is filtered with 64µs after power-on reset)
8.
The Global Error Flag is raised due to a failure condition which is not reported in the Global Status Register. The Failure is
reported in the Status Registers 1-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com