Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 146 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 146 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
146
Rev. A3
10/02/2025
8.47 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h)
The Read Bank Address Register (RDBR) instruction allows the Bank Address Register contents to be read. RDBR
is used to read only a volatile Bank Address Register.
The instruction code is first shifted in. Then the 8-bit Bank Register is shifted out. It is possible to read the Bank
Address Register continuously by providing multiples of eight bits.
Data is shifted in from SI and data is shifted out from SO in SPI sequence whereas data in and out is via four pins
(IO0-IO3) in QPI sequence.
Figure 8.103 Read Bank Address Register Sequence In SPI Mode
Instruction = 16h/C8h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.104 Read Bank Address Register Sequence In QPI Mode
16h/C8h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com