Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 149 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 149 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
149
Rev. A3
10/02/2025
8.50 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h)
In order to be backward compatible, the Exit 4-byte Address Mode instruction allows 24bit address (A23-A0) to be
used to access the memory array up to 128Mb. The Bank Address Register must be used to access the memory
array beyond 128Mb. To execute EX4B operation, the host drives CE# low, sends the instruction code and then
drives CE# high.
A Write Enable (WREN, 06h) command is not required prior to EX4B (29h) command.
Note: The EX4B instruction will reset the Bit 7 (EXTADD) of the volatile Bank Address Register to “0” ”, but will not
change the non-volatile Bank Address Register.
Figure 8.109 Exit 4-byte Address Mode Sequence In SPI Mode
Instruction = 29h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.110 Exit 4-byte Address Mode Sequence In QPI Mode
29h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com