Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 148 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 148 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
148
Rev. A3
10/02/2025
8.49 ENTER 4-BYTE ADDRESS MODE OPERATION (EN4B, B7h)
The Enter 4-byte Address Mode instruction allows 32bit address (A31-A0) to be used to access the memory array
beyond 128Mb. To execute EN4B operation, the host drives CE# low, sends the instruction code and then drives
CE# high. The Exit 4-byte Address Mode instruction can be used to exit the 4-byte address mode.
A Write Enable (WREN, 06h) command is not required prior to EN4B (B7h) command.
Note: The EN4B instruction will set the Bit 7 (EXTADD) of the volatile Bank Address Register to “1”, but will not change
the non-volatile Bank Address Register.
Figure 8.107 Enter 4-byte Address Mode Sequence In SPI Mode
Instruction = B7h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.108 Enter 4-byte Address Mode Sequence In QPI Mode
B7h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com