Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 147 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 147 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
147
Rev. A3
10/02/2025
8.48 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h)
The Write Bank Address Register (WRBRNV and WRBRV) instruction is used to write address bits above A23, into
the Bank Address Register (BAR). WRBRNV is used to write the non-volatile Bank Address Register and WRBRV
is used to write the volatile Bank Address Register. The instruction is also used to write the Extended Address
Control bit (EXTADD) that is also in BAR [7]. BAR provides the high order addresses needed by devices having
more than 128Mbits (16Mbytes), when using 3-byte address commands without extended addressing enabled
(BAR [7] EXTADD = 0).
To write non-volatile Bank Address Register, a standard Write Enable (06h) instruction must previously have been
executed for the device to accept WRBRNV(18h) instruction (Status Register bit WEL must equal “1”).
To write volatile Bank Address Register, C5h or 17h command can be used.
When using C5h instruction, a standard Write Enable (06h) instruction must previously have been executed for the
device to accept C5h instruction (Status Register bit WEL must equal “1”).
But 17h instruction does not require a standard Write Enable (06h) operation. (Status Register bit WEL remains
“0”).
The WRBRNV/WRBRV instructions are followed by the data byte. The Bank Address Register is one data byte in
length. The Write In Progress (WIP) bit is “1” during WRBRNV/WRBRV operation, and is “0” when it is completed.
Any bank address bit reserved for the future should always be written as “0”. Data is shifted in from SI and in SPI
whereas data is shifted in via four pins (IO0-IO3) in QPI.
Bit 7 (EXTADD) of volatile Bank Address Register is also writable with EN4B (B7h)/EX4B (29h) instruction.
But B7h/29h instruction does not require a standard Write Enable (06h) (Status Register bit WEL remains 0).
Note: When WRBRNV is executed, the volatile Bank Address Register is set as well as the non-volatile Bank Address
Register.
Figure 8.105 Write Bank Address Register Sequence In SPI Mode
Instruction = 18h or 17h/C5h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.106 Write Bank Address Register Sequence In QPI Mode
18h or
17h/C5h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com