Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 23Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 24Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 25Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 26Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 27Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 28Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 29Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 27 of 58
Table 13. Supported BCLK Rates in MHz1
Sample
Rate (kHz)
BCLK (MHz)/FSYNC Ratio2
50
64
100
128
192
200
256
384
512
768
800
1024
2048
4096
8 to 12
N/A
N/A
N/A
N/A
N/A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
16 to 24
N/A
N/A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
N/A
32 to 48
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
N/A
N/A
64 to 96
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
N/A
N/A
N/A
N/A
N/A
128 to 192
Yes
Yes
Yes
Yes
Yes
Yes
Yes
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1
Yes means that the specified rate is supported and N/A means not applicable.
2
BCLK = (BCLK/FSYNC ratio) × sample rate.
I2C Control
The SSM3582A supports an I2C-compatible, 2-wire serial bus,
shared across multiple peripherals. Two signals, serial data
(SDA) and serial clock (SCL), carry information between the
SSM3582A and the system I2C master controller. The SSM3582A
is always a slave on the bus, and cannot initiate a data transfer.
Each slave device is identified by a unique address. The address
byte format is shown in Table 14. The address resides in the
first seven bits of the I2C write. The LSB of this byte sets either a
read or write operation. Logic Level 1 corresponds to a read
operation and Logic Level 0 corresponds to a write operation.
For device address settings, see Table 16.
Table 14. I2C Device Address Byte Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
Bit 0
0
0
1
Bit 3
Bit 2
ADDR0
ADDR1
R/W
Both SDA and SCL are open drain, and require pull-up resistors to
the input/output voltage. The SSM3582A operates within the I2C
voltage range of 1.6 V to 3.6 V.
Addressing
Initially, each device on the I2C bus is in an idle state, monitoring
the SDA and SCL lines for a start condition and the proper
address. The I2C master initiates a data transfer by establishing
a start condition, defined by a high to low transition on SDA while
SCL remains high. This start condition indicates that an address/
data stream follows. All devices on the bus respond to the start
condition and shift the next eight bits (the 7-bit address plus
the R/W bit), MSB first. The device that recognizes the
transmitted address responds by pulling the data line low
during the ninth clock pulse. This ninth bit is known as an
acknowledge bit. All other devices withdraw from the bus at
this point and return to the idle condition. The device address
for the SSM3582A is determined by the state of the ADDRx pins.
See the Device Address Setting section for more details.
The R/W bit determines the direction of the data. A Logic 0 on
the LSB of the first byte means the master writes information to the
peripheral, whereas a Logic 1 means the master reads information
from the peripheral after writing the subaddress and repeating the
start address. A data transfer takes place until a stop condition is
encountered. A stop condition occurs when SDA transitions
from low to high while SCL is held high. The timing for the I2C
port is shown in Figure 71.
Stop and start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of sequence
with normal read and write operations, the SSM3582A immediately
jumps to the idle condition. During a given SCL high period, issue
only one start condition, one stop condition, or a single stop
condition followed by a single start condition. If using an invalid
subaddress, the SSM3582A does not issue an acknowledge and
returns to the idle condition. If the user exceeds the highest
subaddress while in automatic increment mode, one of two
actions is taken.
In read mode, the SSM3582A outputs the highest subaddress
register contents until the master device issues a no acknowledge,
indicating the end of a read. A no acknowledge condition is a
condition in which the SDA line is not pulled low on the ninth
clock pulse on SCL. If the highest subaddress location is reached
while in write mode, the data for the invalid byte is not loaded
into any subaddress register, a no acknowledge is issued by the
SSM3582A, and the device returns to the idle condition.
Device Address Setting
The device can be set at 16 different I2C addresses using the
ADDR1 and ADDR0 pins, as well as 16 hardware modes.
ADDR1 and ADDR0 are sampled during the start-up procedure.
These pins set the appropriate operating mode, the I2C address,
and the default TDM slots. The ADDRx pins can be set to five
different voltage levels, as defined in Table 15. The ADDRx pins are
referenced to the DVDD rail of the device. Connect pull-up resistors
to the internally generated DVDD rail if the regulator is used.
Table 15. ADDRx Pin Input Level Mapping
ADDRx State
Level (V)
Connected to Ground
0
Connected to Ground Using a 47 kΩ Resistor
0.45
Left Floating
0.9
Connected to DVDD Using a 47 kΩ Resistor
1.35
Connected to DVDD
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com