Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 10 of 58
tSIS
tSIH
tSIS
tSIH
tLIH
tBP
tBIH
BCLK
FSYNC
SDATA
LEFT-JUSTIFIED
MODE
SDATA
I2C-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
tBIL
tLIS
tSIS
tSIH
tSIS
tSIH
MSB
MSB
MSB
LSB
MSB – 1
Figure 3. Serial Input Port Timing
PVDD
PVDD/2
tWU
I2C POWER-UP COMMAND
OUTPUT
0V
Figure 4. Turn On Time, Hard Volume
tSD
I2C POWER-DOWN COMMAND
OUTPUT
PVDD
0V
Figure 5. Turn Off Time, Hard Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com