Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 43Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 44 of 58
Address: 0x09, Reset: 0x11, Name: SAI_CTRL1
Serial Interface Mode Select.
1: TDM m odes .
0: Stereo m odes .
BCLK Polarity Control.
1: Us e falling edge to capture SDATA.
0: Us e ris ing edge to capture SDATA.
Serial Data Form at.
1: Left jus tified form at.
0:
S (delay by 1) form at.
2
I
TDM Slot Width Select.
100: 64 bits .
11: 48 bits .
10: 32 bits .
1: 24 bits .
0: 16 bits .
FSYNC Mode.
1:
TDM: fram e s tart on ris ing edge.
Stereo: high FSYNC is left channel;
0:
TDM: fram e s tart on falling edge.
Stereo: low FSYNC is left channel;
0
1
1
0
2
0
3
0
4
1
5
0
6
0
7
0
[7] RESERVED
[0] SAI_MODE (R/W)
[6] BCLK_POL (R/W)
[1] SDATA_FMT (R/W)
[5:3] TDM_BCLKS (R/W)
[2] FSYNC_MODE (R/W)
Table 33. Bit Descriptions for SAI_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
BCLK_POL
BCLK Polarity Control.
0x0
R/W
0
Use rising edge to capture SDATA.
1
Use falling edge to capture SDATA.
[5:3]
TDM_BCLKS
TDM Slot Width Select.
0x2
R/W
0
16 bits.
1
24 bits.
10
32 bits.
11
48 bits.
100
64 bits.
2
FSYNC_MODE
FSYNC Mode.
0x0
R/W
0
Stereo: low FSYNC is left channel; TDM: frame start on falling edge.
1
Stereo: high FSYNC is left channel; TDM: frame start on rising edge.
1
SDATA_FMT
Serial Data Format.
0x0
R/W
0
I2S (delay by 1) format.
1
Left justified format.
0
SAI_MODE
Serial Interface Mode Select.
0x1
R/W
0
Stereo modes.
1
TDM modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com