Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  SSM3582ACPZ-R7 Datasheet HTML 1Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 2Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 3Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 3 of 58
GENERAL DESCRIPTION
The SSM3582A is a fully integrated, high efficiency, digital
input stereo Class-D audio amplifier. The device can operate from
a single supply and requires only a few external components,
significantly reducing the circuit bill of materials.
A proprietary, spread spectrum Σ-Δ modulation scheme enables
direct connection to the speaker and ensures state-of-the-art
analog performance while lowering radiated emissions
compared to other Class-D architectures. An optional ultralow
electromagnetic interference (EMI) mode significantly reduces
radiated emissions above 100 MHz, enabling longer speaker cable
lengths. Audio is transmitted digitally to the amplifier, minimizing
the possibility of signal corruption in digital environments. The
amplifier provides outstanding analog performance, with a
106 dB signal-to-noise ratio and a low 0.004% total harmonic
distortion + noise (THD + N).
The SSM3582A operates from a single 4.5 V to 16.5 V supply and
is capable of delivering 2× 15 W rms continuously into 8 Ω and
4 Ω loads at <1% total harmonic distortion (THD). The efficient
modulation scheme maintains excellent power efficiency over a
wide range of impedances: 93.8% into an 8 Ω load and 90.6%
into a 4 Ω load. Optimization of the output pulse maintains
performance at impedances as low as 3 Ω/5 μH, enabling its use
with extended bandwidth tweeters.
The pulse code modulation (PCM) audio serial port supports
most common protocols, such as I2S, left justified, and time
division multiplexing (TDM), and can address up to 16 devices
on a single interface, for up to 32 audio playback channels.
IC operation is controlled through a dedicated I2C interface.
The two ADDRx pins (2×, five-level) define up to 16 individual
addresses in I2C and standalone modes and automatically set
the default TDM slots attribution.
A micropower shutdown mode is triggered by removing the
digital audio interface clock, with a typical current of <1 µA.
A software power-down mode is also available.
An automatic power-down feature shuts down the amplifier
and the digital-to-analog converter (DAC) when no signal is
present at the input, minimizing power consumption during
digital silence. The device restarts when nonzero data is present at
the input. Mute and unmute transitions are pop and click free.
The SSM3582A is specified over the commercial temperature
range of −40°C to +85°C. The device has built in thermal
shutdown and output short-circuit protection, as well as an
early thermal warning with programmable gain limiting to
maintain operation.
The SSM3582A is available in a 40-lead, 6 mm × 6 mm lead
frame chip scale package (LFCSP), with a thermal pad to
improve heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com