Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 43Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 45 of 58
Address: 0x0A, Reset: 0x07, Name: SAI_CTRL2
SDATA Edge Delay Mode.
1: Half cycle delay of SDATA.
0: Norm al operation.
Autom atic TDM Slot Selection.
1:
ADDRx pin s ettings .
Set TDM s lots autom atically us ing
0:
bits .
Set TDM s lots us ing TDM_SLOTx
Channel Volum e Link.
1: Link both channels to VOL_L control.
0:
controls .
Us e independent VOL_L and VOL_R
Audio Input Data Width.
1: 16 bits .
0: 24 bits .
High Frequency Clipper Link.
1:
bits .
Link both channels to DAC_CLIP_L
0:
bits .
Us e independent left and right DAC_CLIP_x
Volum e Control Zero-Cros s ing Detection.
1:
is detected (m ay be different per channel).
Only change volum e when zero-cros s ing
0: Allow volum e to change at all tim es .
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7] SDATA_EDGE (R/W)
[0] AUTO_SLOT (R/W)
[6:5] RESERVED
[1] VOL_LINK (R/W)
[4] DATA_WIDTH (R/W)
[2] CLIP_LINK (R/W)
[3] VOL_ZC_ONLY (R/W)
Table 34. Bit Descriptions for SAI_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
SDATA_EDGE
SDATA Edge Delay Mode.
0x0
R/W
0
Normal operation.
1
Half cycle delay of SDATA.
[6:5]
RESERVED
Reserved.
0x0
R
4
DATA_WIDTH
Audio Input Data Width.
0x0
R/W
0
24 bits.
1
16 bits.
3
VOL_ZC_ONLY
Volume Control Zero-Crossing Detection.
0x0
R/W
0
Allow volume to change at all times.
1
Only change volume when zero-crossing is detected (may be different per channel).
2
CLIP_LINK
High Frequency Clipper Link.
0x1
R/W
0
Use independent left and right DAC_CLIP_x bits.
1
Link both channels to DAC_CLIP_L bits.
1
VOL_LINK
Channel Volume Link.
0x1
R/W
0
Use independent VOL_L and VOL_R controls.
1
Link both channels to VOL_L control.
0
AUTO_SLOT
Automatic TDM Slot Selection.
0x1
R/W
0
Set TDM slots using TDM_SLOT_x bits.
1
Set TDM slots automatically using the ADDRx pin settings.
Address: 0x0B, Reset: 0x00, Name: SLOT_LEFT_CTRL
Left Channel Slot Selection.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] TDM_SLOT_L (R/W)
Table 35. Bit Descriptions for SLOT_LEFT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
TDM_SLOT_L
Left Channel Slot Selection.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com