Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 29Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 36Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 33 of 58
The threshold at which the output is limited is determined by
the LIM_THRES_L bits setting, Bits[7:3] in Register 0x0F for
the left channel, and the LIM_THRES_R bits setting, Bits[7:3]
in Register 0x12 for the right channel. When the ouput signal
level exceeds the set threshold level, the limiter activates and
limits the signal level to the set limit. Below the set threshold,
the output level is not affected.
The limiter threshold can be set above the maximum output
voltage of the amplifier. In this case, the limiter allows maximum
peak output. In other words, the output may clip depending on
the power supply voltage and not the limiter.
The limiter threshold can be set as fixed or to vary with the
battery voltage via the VBAT_TRACK_L bit (Register 0x0E, Bit 2)
for the left channel and VBAT_TRACK_R bit (Register 0x11,
Bit 2) for right channel. When set to fixed, the limiter threshold
is fixed and does not vary with battery voltage. The threshold
can be set from 2 V peak to 16 V peak using the LIM_THRES_x
bit (see Figure 76).
VBAT
LIM_THRES_x
LIMITER THRESHOLD FIXED AT SET VALUE
AND DOES NOT TRACK VBAT
Figure 76. Limiter Fixed (LIM_EN_x = 01, VBAT_TRACK_x = 0)
When set to a variable threshold, the SSM3582A monitors the
VBAT supply and automatically adjusts the limiter threshold
based on the VBAT supply voltage.
The VBAT supply voltage at which the limiter begins to decrease
the output level is determined by the VBAT inflection point
(the VBAT_INF _L bits (Register 0x10, Bits[7:0]) for the left
channel and VBAT_INF_R bits (Register 0x13, Bits[7:0]) for
the right channel).
The VBAT_INF_x point is defined as the battery voltage at
which the limiter either activates or deactivates depending on
the LIM_EN_x mode (see Table 22). When the battery voltage
is greater than VBAT_INF_x, the limiter is not active. When
the battery voltage is less than VBAT_INF_X, the limiter is
activated. The VBAT_INF_x bits can be set from 3.8 V to 16.2 V.
To calculate the 8-bit value for the voltage, use the following
equation:
Voltage = 3.8 + 12.4 × Decimal Value/255
Convert the decimal value to an 8-bit hexadecimal value and
use it to set the VBAT_INF_x bits.
The slope bits (Register 0x0F and Register 0x12, Bits[1:0])
determine the rate at which the limiter threshold is lowered
relative to the amount of change in VBAT below the
VBAT_INF_x point.
The slope is the ratio of the limiter threshold reduction to the
VBAT voltage reduction.
Slope = ∆Limiter Threshold/∆VBAT
The slope ratio can be set from 1:1 to 4:1. This function is
useful to prevent early shutdown under low battery conditions.
As the VBAT voltage falls, the limiter threshold is lowered. This
lower threshold results in the lower output level and therefore
helps to reduce the current drawn from the battery and in turn
helps prevent early shutdown due to low VBAT.
The limiter offers various active modes that can be set using the
LIM_EN_x bits (Register 0x0E and Register 0x11, Bits[1:0]) and
the VBAT_TRACK_x bit, as shown in Table 22.
When LIM_EN_x = 01, the limiter is enabled. When LIM_EN_x =
10, the limiter mutes the output if VBAT falls below VBAT_INF_x.
When LIM_EN_x = 11, the limiter engages only when the battery
voltage is lower than VBAT_INF_x. When VBAT is greater
than VBAT_INF_x, no limiting occurs. Note that there is
hysteresis on VBAT_INF_x for the limiter disengaging.
The limiter, when active, reduces the gain of the amplifier. The
rate of gain reduction or attack rate is determined by the
LIM_ATR_x bits (Register 0x0E and Register 0x11, Bits[5:4]).
Similarly, when the signal level drops below the limiter threshold,
the gain is restored. The gain release rate is determined by the
LIM_RRT_x bits (Register 0x0E and Register 0x11, Bits[7:6]).
INPUT LEVEL
AMPLIFIER CLIPPING LEVEL
LIM_EN_x = 00
VBAT_TRACK_x = 0 OR 1
Figure 77. Limiter Example (LIM_EN_x = 00, VBAT_TRACK_x = 0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com