Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 48 of 58
Address: 0x10, Reset: 0x22, Name: LIM_LEFT_CTRL3
Left Lim iter Battery Voltage Inflection
Point.
0
0
1
1
2
0
3
0
4
0
5
1
6
0
7
0
[7:0] VBAT_INF_L (R/W)
Table 39. Bit Descriptions for LIM_LEFT_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT_INF_L
Left Limiter Battery Voltage Inflection Point.
0x22
R/W
Address: 0x11, Reset: 0xA8, Name: LIM_RIGHT_CTRL1
Right Lim iter Releas e Rate.
11: 800 m s /dB.
10: 1200 m s /dB.
1: 1600 m s /dB.
0: 3200 m s /dB.
Right Lim iter Mode.
11: Lim iter on only if VBAT<VBAT_INF_R.
10: Mute output if VBAT<VBAT_INF_R.
1: Lim iter on.
0: Lim iter off.
Right Lim iter Attack Rate.
11: 20 µs /dB.
10: 30 µs /dB.
1: 60 µs /dB.
0: 120 µs /dB.
Right Thres hold Battery Tracking.
1:
bits in Regis ter 0x12.
VBAT<VBAT_INF_R us ing SLOPE_R
Ram p down lim iter thres hold when
0:
bits in Regis ter 0x12.
Fixed lim iter thres hold s et by LIM_THRES_R
Channel Lim iter Link.
1:
(us e left lim iter controls ).
Link both channels to one lim iter
0:
lim iters .
Us e independent left and right channel
0
0
1
0
2
0
3
1
4
0
5
1
6
0
7
1
[7:6] LIM_RRT_R (R/W)
[1:0] LIM_EN_R (R/W)
[5:4] LIM_ATR_R (R/W)
[2] VBAT_TRACK_R (R/W)
[3] LIM_LINK (R/W)
Table 40. Bit Descriptions for LIM_RIGHT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT_R
Right Limiter Release Rate.
0x2
R/W
0
3200 ms/dB.
1
1600 ms/dB.
10
1200 ms/dB.
11
800 ms/dB.
[5:4]
LIM_ATR_R
Right Limiter Attack Rate.
0x2
R/W
0
120 µs/dB.
1
60 µs/dB.
10
30 µs/dB.
11
20 µs/dB.
3
LIM_LINK
Channel Limiter Link.
0x1
R/W
0
Use independent left and right channel limiters.
1
Link both channels to one limiter (use left limiter controls).
2
VBAT_TRACK_R
Right Threshold Battery Tracking.
0x0
R/W
0
Fixed limiter threshold set by LIM_THRES_R Bits in Register 0x12.
1
Ramp down limiter threshold when VBAT < VBAT_INF_R using SLOPE_R Bits
in Register 0x12.
[1:0]
LIM_EN_R
Right Limiter Mode.
0x0
R/W
0
Limiter off.
1
Limiter on.
10
Mute output if VBAT < VBAT_INF_R.
11
Limiter on only if VBAT < VBAT_INF_R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com