Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 55Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 56Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 57Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 56 of 58
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 86 shows a typical application circuit for a stereo output. Figure 87 shows a typical application circuit for a mono output.
VOLUME
DAC
Σ-Δ
CLASS-D
MODULATOR
VOLUME
DAC
Σ-Δ
CLASS-D
MODULATOR
BCLK
FSYNC
SDATA
OUTL+
OUTL–
SEE DEVICE ADDRESS
SETTING SECTION
AGND
PVDD
PVDD
PGND
SCL
SDA
I2C
I2C
TDM
I2S
INPUT
FULL
BRIDGE
POWER
STAGE
BSTL–
BSTR–
BSTL+
SSM3582A
+1.8V
+1.8V
(DVDD)
I2S/TDM
PVDD
R1
2.2kΩ
R2
2.2kΩ
47kΩ
47kΩ
C3
10µF
C2
10µF
C10
0.22µF
C11
0.22µF
C15
220pF
C14
220pF
+4.5V TO +16.5V
PVDD
4Ω/8Ω
4Ω/8Ω
FB1
FB2
OPTIONAL
FB1/FB2: MURATA FERRITE BEAD NFZ2MSM181
OPTIONAL
FB3/FB3: MURATA FERRITE BEAD NFZ2MSM181
C9
470µF
C5
10µF
C4
0.1µF
REG
DVDD
REG
AVDD
C7
10µF
C6
0.1µF
C8
470µF
OUTR+
OUTR–
OPEN
ADDRx
ADDRx
ADDRx
ADDRx
ADDRx
ADDRx PIN SETUP OPTIONS
DVDD_EN PIN SETUP OPTIONS
GND
DVDD
DVDD
DVDD
47kΩ TO GND
47kΩ TO DVDD
FULL
BRIDGE
POWER
STAGE
BSTR+
C12
0.22µF
C13
0.22µF
C16
220pF
C17
220pF
FB3
FB4
C1
0.1uF
DVDD_EN
DVDD_EN
AVDD
AVDD_EN PIN SETUP OPTIONS
AVDD_EN
AVDD_EN
PVDD
Figure 86. Typical Application Circuit for Stereo Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com