Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 50 of 58
Address: 0x13, Reset: 0x22, Name: LIM_RIGHT_CTRL3
Right Lim iter Battery Voltage Inflection
Point.
0
0
1
1
2
0
3
0
4
0
5
1
6
0
7
0
[7:0] VBAT_INF_R (R/W)
Table 42. Bit Descriptions for LIM_RIGHT_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT_INF_R
Right Limiter Battery Voltage Inflection Point.
0x22
R/W
Address: 0x14, Reset: 0xFF, Name: CLIP_LEFT_CTRL
Left DAC High Frequency Clip Value.
0x00: Clip to 1/256.
0xFC: ...
0xFD: Clip to 254/256.
0xFE: Clip to 255/256.
0xFF: Clip to 0 dB.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7:0] DAC_CLIP_L (R/W)
Table 43. Bit Descriptions for CLIP_LEFT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DAC_CLIP_L
Left DAC High Frequency Clip Value.
0xFF
R/W
0xFF
Clip to 0 dB.
0xFE
Clip to 255/256.
0xFD
Clip to 254/256.
0xFC
…
0x00
Clip to 1/256.
Address: 0x15, Reset: 0xFF, Name: CLIP_RIGHT_CTRL
Right DAC High Frequency Clip Value.
0x00: Clip to 1/256.
0xFC: ...
0xFD: Clip to 254/256.
0xFE: Clip to 255/256.
0xFF: Clip to 256/256.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7:0] DAC_CLIP_R (R/W)
Table 44. Bit Descriptions for CLIP_RIGHT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DAC_CLIP_R
Right DAC High Frequency Clip Value.
0xFF
R/W
0xFF
Clip to 256/256.
0xFE
Clip to 255/256.
0xFD
Clip to 254/256.
0xFC
…
0x00
Clip to 1/256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com