Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 36Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 34 of 58
Table 22. Limiter Modes
LIM_EN_x
VBAT_TRACK_x
Limiter
VBAT < VBAT_INF_x
VBAT > VBAT_INF_x
Comments
00
0 or 1
No
Not applicable
Not applicable
See Figure 77
01
0
Fixed
Use the set threshold
Use the set threshold
See Figure 76
01
1
Variable
Lowers the threshold
Use the set threshold
See Figure 78 and Figure 79
10
0 or 1
Fixed
Mutes the output
Use the set threshold
Not shown
11
0
Fixed
Use the set threshold
No limiting
See Figure 80 and Figure 81
11
1
Variable
Lowers the threshold
No limiting
See Figure 82 and Figure 83
INPUT LEVEL
LIMITER THRESHOLD SETTING
VBAT > VBAT_INF_x LIMITER
LIMITER THRESHOLD CHANGE FOR VBAT < VBAT_INF_x
CHANGE IN LIM THRESHOLD = N × (VBAT_INF_x – VBAT)
WHERE N = 1 TO 4, SET USING SLOPE BITS IN REG 0x0F, REG 0x12
LIM_EN_x = 01
VBAT_TRACK_x = 1
Figure 78. Limiter Fixed (LIM_EN_x = 01, VBAT_TRACK_x = 1)
VBAT
VBAT_INF_x
LIM_THRES_x
SLOPE
LIMITER THRESHOLD LOWERS
FOR VBAT < VBAT_INF_x
LIMITER THRESHOLD STAYS AT
THE SET VALUE FOR VBAT > VBAT_INF_x
Figure 79. Limiter Threshold vs. VBAT in Limiter Tracking Mode
(LIM_EN_x = 01, VBAT_TRACK_x = 1)
INPUT LEVEL
LIMITER THRESHOLD SETTING
NO CHANGE IN LIM THRESHOLD PER VBAT
AMPLIFIER CLIPPING LEVEL
LIM_EN_x = 11
VBAT_TRACK_x = 0
Figure 80. Limiter Example (LIM_EN_x = 11, VBAT_TRACK_x = 0)
VBAT
LIM_THRES_x
LIMITER THRESHOLD FIXED AT SET VALUE
AND DOES NOT TRACK VBAT
Figure 81. Limiter Fixed (LIM_EN_x = 11, VBAT_TRACK_x = 0)
INPUT LEVEL
LIMITER THRESHOLD SETTING
VBAT > VBAT_INF_x LIMITER IS NOT ACTIVE
LIMITER THRESHOLD CHANGE FOR VBAT < VBAT_INF
CHANGE IN LIM THRESHOLD = N × (VBAT_INF_x – VBAT)
WHERE N = 1 TO 4, SET USING SLOPE BIT IN REG 0x0F, REG 0x12
AMPLIFIER CLIPPING LEVEL
LIM_EN_x = 11
VBAT_TRACK_x = 1
Figure 82. Limiter Example (LIM_EN_x = 11, VBAT_TRACK_x = 1)
VBAT
VBAT_INF_x
SET LIM_THRES_x
SLOPE
LIMITER THRESHOLD LOWERS
FOR VBAT < VBAT_INF_x
LIMITER THRESHOLD INACTIVE FOR VBAT > VBAT_INF_x
Figure 83. Limiter Threshold vs. VBAT in Limiter Tracking Mode
(LIM_EN_x = 11, VBAT_TRACK_x = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com