Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 8 of 58
Table 4. Power Supply Current Consumption, 8 Ω + 33 µH1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.59
5.02
6.31
0.942
6.432
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.82
12.39
13.73
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.57
4.86
6.02
0.942
6.232
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.65
12.02
13.18
N/A
N/A
mA
1
N/A means not applicable.
Table 5. Power-Down Current
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-DOWN CURRENT
External AVDD = 5 V and DVDD = 1.8 V, software
master power-down, no BCLK/FSYNC
IPVDD
PVDD = 5 V
65
463
nA
PVDD = 12 V
65
744
nA
PVDD = 16 V
65
935
nA
IAVDD
AVDD = 5 V external
7.542
22.64
μA
IDVDD
DVDD = 1.8 V external
2.7
27.27
μA
DIGITAL INPUT/OUTPUT SPECIFICATIONS
Table 6.
Parameter
Min
Typ
Max
Unit
INPUT VOLTAGE1
BCLK, FSYNC, SDATA, SCL, and SDA Pins
High (VIH)
0.7 × DVDD
5.5
V
Low (VIL)
−0.3
+0.3 × DVDD
V
INPUT LEAKAGE
BCLK, FSYNC, SDATA, ADDRx, SCL, and SDA Pins
High (IIH)
1
µA
Low (IIL)
1
µA
INPUT CAPACITANCE
5
pF
OUTPUT DRIVE STRENGTH1
SDA
3
5
mA
SAMPLE RATE (FSYNC FREQUENCY)
8
192
kHz
1
The pull-up resistor for SCL and SDA must be scaled according to the external pull-up voltage in the system. The typical value for a pull-up resistor for 1.8 V is 2.2 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com