Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  SSM3582ACPZ-R7 Datasheet HTML 1Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 2Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 3Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 5 of 58
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Mono Mode
PO = 25 W, RL = 3 Ω, PVDD = 12 V
92.3
%
PO = 25 W, RL = 3 Ω, PVDD = 12 V (low EMI mode)
92.1
%
PO = 35 W, RL = 2 Ω, PVDD = 12 V
83.8
89.9
%
PO = 35 W, RL = 2 Ω, PVDD = 12 V (low EMI mode)
83.8
89.7
%
PO = 35 W, RL = 2 Ω, PVDD = 16 V
81.2
89.9
%
PO = 35 W, RL = 2 Ω, PVDD = 16 V (low EMI mode)
80.6
89.9
%
Total Harmonic Distortion +
Noise
THD + N
PO = 5 W into 8 Ω, f = 1 kHz, PVDD = 12 V
0.004
%
PO = 10 W into 2 Ω, f = 1 kHz, PVDD = 16 V, mono mode
0.004
0.024
%
Output Stage On Resistance
RON
100
mΩ
Overcurrent Protection
Trip Point
IOC
Stereo mode
4.68
6
A peak
Average Switching
Frequency
fSW
300
kHz
Differential Output Offset
Voltage
VOOS
AV = 19 dB
±1
±5
mV
Crosstalk between Left and
Right
Measured at 1 kHz with regards to full-scale output
75
100
dB
POWER SUPPLIES
Supply Voltage Range
PVDD
4.5
16.5
V
AVDD
4.5
5.0
5.5
V
DVDD
1.62
1.8
1.98
V
Power Supply Rejection
Ratio
PSRR
PVDD
PSRRAC
PVDD ripple voltage (VRIPPLE) = 100 mV rms at 1 kHz
70
86
dB
PVDD ripple voltage (VRIPPLE) = 1 V rms at 1 kHz
70
88
dB
AVDD
PSRRAC
AVDD ripple voltage (VRIPPLE) = 100 mV rms at 1 kHz
53
58
dB
AVDD ripple voltage (VRIPPLE) = 100 mV rms at 17 kHz
53
58
dB
ANALOG GAIN
AV
Measured with 0 dBFS input at 1 kHz
Gain = 00
PVDD ≥ 6.3 V
6.2
V peak
Gain = 01
PVDD ≥ 9 V
8.75
V peak
Gain = 10
PVDD ≥ 12.6 V
12.5
V peak
Gain = 11
PVDD = 16 V
15.5
V peak
SHUTDOWN CONTROL1
Turn On Time, Volume
Ramp Disabled
tWU
Time from SPWDN = 0 to output switching, DAC_HV = 1 or
DAC_MUTE_x = 1, tWU = 4 FSYNC cycles to 7 FSYNC cycles +
7.68 ms
Sampling frequency (fS) =
12 kHz
8.01
8.27
ms
fS = 24 kHz
7.84
7.98
ms
fS = 48 kHz
7.76
7.83
ms
fS = 96 kHz
7.72
7.76
ms
fS = 192 kHz
7.70
7.72
ms
Turn On Time, Volume
Ramp Enabled
tWUR
Time from SPWDN = 0 to full volume output switching,
DAC_HV = 0 and DAC_MUTE_x = 0, VOL_x = 0x40
fS = 12 kHz
tWUR = tWU + 15.83 ms
23.84
24.10
ms
fS = 24 kHz
tWUR = tWU + 15.83 ms
23.67
23.81
ms
fS = 48 kHz
tWUR = tWU + 15.83 ms
23.59
23.66
ms
fS = 96 kHz
tWUR = tWU + 7.92 ms
15.64
15.68
ms
fS = 192 kHz
tWUR = tWU + 0.99 ms
8.69
8.71
ms
Turn Off Time, Volume
Ramp Disabled
tSD
Time from SPWDN = 1 to full power-down, DAC_HV = 1 or
DAC_MUTE_x = 1
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com