Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 36Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 38Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 39Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 36 of 58
BOOTSTRAP CAPACITORS
The output stage of the SSM3582A uses a high-side NMOS
driver, rather than a PMOS driver. To generate the gate drive
voltage for the high-side NMOS, a bootstrap capacitor for each
output terminal acts as a floating power supply for the switching
cycle. Use 0.22 μF capacitors to connect the appropriate output pin
(OUTx±) to the bootstrap pin (BSTx±). For example, connect a
0.22 μF capacitor between OUTL+ (a left channel, noninverting
output) and BSTL+ for bootstrapping the left channel. Similarly,
connect another 0.22 μF capacitor between the OUTL− and
BSTL− pins for the left channel inverting output.
POWER SUPPLY DECOUPLING
To ensure high efficiency, low THD, and high PSRR, proper
power supply decoupling is necessary. Noise transients on the
power supply lines are short duration voltage spikes. These spikes
can contain frequency components that extend into the hundreds
of megahertz. The power supply input must be decoupled with
a good quality, low ESL, low ESR bulk capacitor larger than 220 µF.
This capacitor bypasses low frequency noise to the ground
plane. For high frequency decoupling, place 1 µF capacitors as
close as possible to the PVDD pins of the device.
OUTPUT EMI FILTERING
Additional EMI filtering may be required when the speaker
traces and cables are long and present a significant capacitive
load that can create additional draw from the amplifier. Typical
power ferrites present a significant magnetic hysteresis cycle
that affects THD performance and are not recommended for
high performance designs. The NFZ filter series from Murata,
designed in close collaboration with Analog Devices, Inc.,
provides a closed hysteresis loop similar to an air coil with
minimum impact on performance. Products are available at
upwards of 4 A rms, well suited to this application. A small
capacitor can be added between the output of the filter and
ground to further attenuate very high frequencies. Take care
to ensure the capacitor is properly sized to avoid affecting idle
power consumption or efficiency.
PCB PLACEMENT
Component selection and placement influence greatly on
system performance, both measured and subjective. Proper
PVDD layout and decoupling is necessary to reach the specified
level of performance, particularly at the highest power levels.
The placement shown in Figure 85 ensures proper output stage
decoupling for each channel, for minimum supply noise and
maximum separation between channels. Additional bulk
decoupling is necessary to reduce current ripple at low
frequencies, and can be shared between several amplifiers
in a multichannel solution.
BSTL+
0.22µF CAPACITOR
PVDD DECOUPLING
0.1µF CAPACITOR
BSTL–
0.22µF CAPACITOR
DVDD DECOUPLING
0.1µF CAPACITOR
AVDD DECOUPLING
0.1µF CAPACITOR
BSTR+
0.22µF CAPACITOR
BSTR–
0.22µF CAPACITOR
PVDD DECOUPLING
0.1µF CAPACITOR
Figure 85. Recommended Component Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com