Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 36Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 38Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 39Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 38 of 58
REGISTER SUMMARY
Table 23. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 VENDOR_ID
[7:0]
VENDOR
0x41
R
0x01 DEVICE_ID1
[7:0]
DEVICE1
0x35
R
0x02 DEVICE_ID2
[7:0]
DEVICE2
0x82
R
0x03 REVISION
[7:0]
REV
0x01
R
0x04 POWER_CTRL
[7:0] APWDN_EN
RESERVED
TEMP_PWDN
MONO
R_PWDN
L_PWDN
RESERVED
SPWDN
0xA1 R/W
0x05 AMP_DAC_CTRL
[7:0] DAC_LPM
RESERVED
DAC_POL_R
DAC_POL_L
EDGE
RESERVED
ANA_GAIN
0x8A R/W
0x06 DAC_CTRL
[7:0] DAC_HV
DAC_MUTE_R DAC_MUTE_L DAC_HPF
RESERVED
DAC_FS
0x02
R/W
0x07 VOL_LEFT_CTRL
[7:0]
VOL_L
0x40
R/W
0x08 VOL_RIGHT_CTRL
[7:0]
VOL_R
0x40
R/W
0x09 SAI_CTRL1
[7:0] RESERVED
BCLK_POL
TDM_BCLKS
FSYNC_MODE
SDATA_FMT SAI_MODE
0x11
R/W
0x0A SAI_CTRL2
[7:0] SDATA_EDGE
RESERVED
DATA_WIDTH
VOL_ZC_ONLY
CLIP_LINK
VOL_LINK
AUTO_SLOT
0x07
R/W
0x0B SLOT_LEFT_CTRL
[7:0]
RESERVED
TDM_SLOT_L
0x00
R/W
0x0C SLOT_RIGHT_CTRL [7:0]
RESERVED
TDM_SLOT_R
0x01
R/W
0x0E LIM_LEFT_CTRL1
[7:0]
LIM_RRT_L
LIM_ATR_L
RESERVED
VBAT_TRACK_L
LIM_EN_L
0xA0 R/W
0x0F LIM_LEFT_CTRL2
[7:0]
LIM_THRES_L
RESERVED
SLOPE_L
0x51
R/W
0x10 LIM_LEFT_CTRL3
[7:0]
VBAT_INF_L
0x22
R/W
0x11 LIM_RIGHT_CTRL1
[7:0]
LIM_RRT_R
LIM_ATR_R
LIM_LINK
VBAT_TRACK_R
LIM_EN_R
0xA8 R/W
0x12 LIM_RIGHT_CTRL2
[7:0]
LIM_THRES_R
RESERVED
SLOPE_R
0x51
R/W
0x13 LIM_RIGHT_CTRL3
[7:0]
VBAT_INF_R
0x22
R/W
0x14 CLIP_LEFT_CTRL
[7:0]
DAC_CLIP_L
0xFF
R/W
0x15 CLIP_RIGHT_CTRL
[7:0]
DAC_CLIP_R
0xFF
R/W
0x16 FAULT_CTRL1
[7:0]
RESERVED
OTW_GAIN_R
RESERVED
OTW_GAIN_L
0x00
R/W
0x17 FAULT_CTRL2
[7:0] MRCV
RESERVED
MAX_AR
RESERVED
ARCV_UV
ARCV_OT
ARCV_OC
0x30
R/W
0x18 STATUS1
[7:0] UVLO_PVDD
UVLO_VREG
RESERVED
OTF
OTW
0x00
R
0x19 STATUS2
[7:0] LIM_EG_R
CLIP_R
AMP_OC_R
BAT_WARN_R LIM_EG_L
CLIP_L
AMP_OC_L
BAT_WARN_L 0x00
R
0x1A VBAT
[7:0]
VBAT
0x00
R
0x1B TEMP
[7:0]
TEMP
0x00
R
0x1C SOFT_RESET
[7:0]
RESERVED
S_RST
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com