Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 11 of 58
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
PVDD Supply Voltage
−0.3 V to +17 V
DVDD Supply Voltage
−0.3 V to +1.98 V
AVDD Supply Voltage
−0.3 V to +5.5 V
PGND and AGND Differential
±0.3 V
Digital Input Pins
FSYNC, BCLK, SDATA, SCL, SDA
−0.3 V to +5.5 V
Analog Input Pins
ADDRx
−0.3 V to +1.98 V
AVDD_EN
−0.3 V to +17 V
DVDD_EN
−0.3 V to +5.5 V
Electrostatic Discharge (ESD) Susceptibility
Human Body Model
2 kV
Charged Device Model
1 kV
Temperature Range
Storage
−65°C to +150°C
Operating
−40°C to +85°C
Junction
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the junction to air temperature, and θJC is the junction to
case temperature, and both are specified for the worst case
conditions, that is, a device soldered in a circuit board for
surface-mount packages.
Table 10. Thermal Resistance
Package Type
θJA1
θJC1
Unit
CP-40-7
27
1.1
°C/W
1
θJA and θJC are determined according to JESD51-9 on a 4-layer (2s2p) PCB
with natural convection cooling.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com