Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 20Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 21Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 22Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 23Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 24Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 25Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 26Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 27Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 24 of 58
5
6
7
8
9
10
11
12
PVDD (V)
POUT = 10%
POUT = 1%
0
1
2
3
4
5
6
7
8
9
ANALOG GAIN = 6.3V peak (MONO)
RL = 4Ω
Figure 67. Power vs. PVDD, Analog Gain = 6.3 V peak, RL = 4 Ω
7
8
9
10
11
12
PVDD (V)
0
2
4
6
8
10
12
14
16
18
POUT = 10%
POUT = 1%
ANALOG GAIN = 8.9V peak (MONO)
RL = 3Ω
Figure 68. Power vs. PVDD, Analog Gain = 8.9 V peak, RL = 3 Ω
7
8
9
10
11
12
13
14
15
16
PVDD (V)
POUT = 10%
POUT = 1%
ANALOG GAIN = 12.6V peak (MONO)
RL = 3Ω
0
5
10
15
20
25
30
35
Figure 69. Power vs. PVDD, Analog Gain = 12.6 V peak, RL = 3 Ω
7
8
9
10
11
12
13
14
15
16
PVDD (V)
POUT = 10%
POUT = 1%
0
5
10
15
20
25
30
35
40
45
50
ANALOG GAIN = 16V peak (MONO)
RL = 3Ω
Figure 70. Power vs. PVDD, Analog Gain = 16 V peak, RL = 3 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com