Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 55Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 56Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 57Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 57 of 58
SEE DEVICE ADDRESS
SETTING SECTION
PVDD
I2C
+1.8V
(DVDD)
PVDD
C3
10µF
C2
10µF
+4.5V TO +16.5V
PVDD
C9
470µF
C5
10µF
C4
0.1µF
REG
DVDD
REG
AVDD
C7
10µF
C6
0.1µF
C8
470µF
C1
0.1uF
BCLK
FSYNC
SDATA
AGND
PVDD
PGND
SCL
SDA
I2C
TDM
I2S
INPUT
VOLUME
DAC
FULL
BRIDGE
POWER
STAGE
Σ-Δ
CLASS-D
MODULATOR
BSTL–
BSTR–
BSTL+
SSM3582A
+1.8V
I2S/TDM
R1
2.2kΩ
R2
2.2kΩ
C10
0.22µF
C11
0.22µF
C15
220pF
C14
220pF
2Ω/3Ω
FB1
FB2
OPTIONAL
FB1/FB2: MURATA FERRITE BEAD NFZ2MSM181
VOLUME
DAC
FULL
BRIDGE
POWER
STAGE
Σ-Δ
CLASS-D
MODULATOR
BSTR+
C12
0.22µF
C13
0.22µF
OUTL+
OUTL–
OUTR+
OUTR–
ADDRx PIN SETUP OPTIONS
AVDD
PVDD
DVDD_EN PIN SETUP OPTIONS
DVDD_EN
DVDD_EN
AVDD_EN PIN SETUP OPTIONS
AVDD_EN
AVDD_EN
47kΩ
47kΩ
OPEN
ADDRx
ADDRx
ADDRx
ADDRx
ADDRx
GND
DVDD
DVDD
DVDD
47kΩ TO GND
47kΩ TO DVDD
Figure 87. Typical Application Circuit for Mono Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com